PART |
Description |
Maker |
AD8277 |
Low Power, Wide Supply Range, Low Cost Unity-Gain Difference Amplifiers
|
Analog Devices
|
LT1332 LT1332CG LT1332CN LT1332CS |
From old datasheet system Wide Supply Range Low Power RS232 Transceiver with 12V VPP Output for Flash Memory
|
LINER[Linear Technology]
|
DER-58 |
3W Wide Range Flyback Power Supply using LNK304P
|
POWERINT[Power Integrations, Inc.]
|
MAX8545EUB MAX8548 MAX8548EUB MAX8545 MAX8546 MAX8 |
Low-Cost Wide Input Range Step-Down Controllers with Foldback Current Limit Low-Cost / Wide Input Range / Step-Down Controllers with Foldback Current Limit Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit Low-Cost. Wide Input Range. Step-Down Controllers with Foldback Current Limit Dual J-K Negative-Edge-Triggered Flip-Flops With Clear And Preset 16-CFP -55 to 125 SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO10
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
2SC4481 2SA1701 |
Ouputs from a Single Supply; 2:1 Wide Range Voltage Input; 3kVDC Isolation; UL94V-0 Package Material; Continuous Short Circuit Protection; Low profile LOW-FREQUENCY GENERAL-PURPOSE AMP APPLICATIONS
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
ATF22LV10CZ ATF22LV10CZCQZ |
ATF22LV10CZ(CQZ) [Updated 9/01. 13 Pages] 500 gate. wide 3V to 5.5V supply range. zero power electrically erasable PLD. 24 pins
|
Atmel Corp
|
H177 |
Wide range of supply voltage: 3.5V to 28V.
|
Hi-Sincerity Mocroelectronics
|
ICS98UAE877AKLFT ICS98UAE877AKLFIT ICS98UAE877AHLF |
1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER 1.5V的低功耗,宽范围频率时钟驱动器
|
Integrated Device Technology, Inc.
|
KS57P21832 |
CMOS technology provides for low power consumption and a wide operating voltage range.
|
Samsung semiconductor
|
MAX6400-BMAX6405 MAX6400-MAX6405 MAX6405BS__-T MAX |
100MHz Current Feedback Video Amplifier With Disable; Temperature Range: 0°C to 70°C; Package: 8-SOIC 57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier; Temperature Range: -40°C to 85°C; Package: 16-SOIC Low Power UniSLIC14 Family; Temperature Range: -40°C to 85°C; Package: 28-PLCC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 110MHz, High Slew Rate, High Output Current Buffer; Temperature Range: 0°C to 70°C; Package: 8-CerDIP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 Dual 125MHz Video Current Feedback Amplifier; Temperature Range: -40°C to 85°C; Package: 8-PDIP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 3.2 Microsecond Sample and Hold Amplifiers; Temperature Range: 0°C to 70°C; Package: 14-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 Precision Quad Comparators; Temperature Range: 0°C to 70°C; Package: 16-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 1 Microsecond Precision Sample and Hold Amplifier; Temperature Range: 0°C to 70°C; Package: 16-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 Low Power UniSLIC14 Family; Temperature Range: 0°C to 70°C; Package: 28-PLCC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 µP Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 120MHz, Low Power, 8x8 Video Crosspoint Switch; Temperature Range: 0°C to 70°C; Package: 44-PLCC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R 400MHz, 4x1 Video Crosspoint Switch; Temperature Range: 0°C to 70°C; Package: 16-QSOP T&R Low Power UniSLIC14 Family; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 480MHz, Video Buffer with Output Disable; Temperature Range: 0°C to 70°C; Package: 6-SOT-23 T&R 330MHz, 4x1 Video Crosspoint Switch With Tally Outputs; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R 480MHz, Video Buffer with Output Disable; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R Low Cost SLIC For Large Telecom Switches; Temperature Range: 0°C to 70°C; Package: 32-QFN T&R Low Power UniSLIC14 Family; Temperature Range: -40°C to 85°C; Package: 28-PLCC T&R 400MHz, 4x1 Video Crosspoint Switch; Temperature Range: 0°C to 70°C; Package: 14-SOIC T&R Low Cost SLIC For Large Telecom Switches; Temperature Range: 0°C to 70°C; Package: 24-SOIC Low Power UniSLIC14 Family; Temperature Range: -40°C to 85°C; Package: 28-SOIC 480MHz, Video Buffer with Output Disable; Temperature Range: 0°C to 70°C; Package: 8-PDIP TR909 DLC/FLC SLIC With Low Power Standby; Temperature Range: -40°C to 85°C; Package: 28-PLCC μP Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package 渭P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package レP Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package µP Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
|
MAXIM INTEGRATED PRODUCTS INC 电源管理 Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
SY84113BUMG SY84113BUMGTR |
Low Power 2.5V 1.25Gbps Limiting Post Amplifier with Ultra Wide LOS Range
|
Micrel Semiconductor
|